Part Number Hot Search : 
P4KE30 1R00G 100KPGS W9812 MAXIM 80020 OPE5T87 VTP8551
Product Description
Full Text Search
 

To Download MBRD660CTT4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
MBRD620CT, MBRD640CT and MBRD660CT are Preferred Devices
SWITCHMODEt Power Rectifiers
DPAK-3 Surface Mount Package
. . . in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features.
Features
http://onsemi.com
SCHOTTKY BARRIER RECTIFIERS 6.0 AMPERES, 20 - 60 VOLTS
* * * *
Pb-Free Packages are Available Extremely Fast Switching Extremely Low Forward Drop Platinum Barrier with Avalanche Guardrings
1 4 3
Mechanical Characteristics
* Case: Epoxy, Molded * Weight: 0.4 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped 75 Units Per Plastic Tube Available in 16 mm Tape and Reel, 2500 Units Per Reel, by Adding a "T4'' Suffix to the Part Number
12 3
MARKING DIAGRAM
4 DPAK CASE 369C
YWW B 6x0T
Y WW x
= Year = Work Week = 2, 3, 4, 5 or 6
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
August, 2004 - Rev. 4
Publication Order Number: MBRD620CT/D
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
MAXIMUM RATINGS
MBRD Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current TC = 130C (Rated VR) Peak Repetitive Forward Current, TC = 130C (Rated VR, Square Wave, 20 kHz) Per Diode Nonrepetitive Peak Surge Current - (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2 ms, 1 kHz) Operating Junction Temperature Storage Temperature Voltage Rate of Change (Rated VR) Per Diode Per Device Symbol VRRM VRWM VR IF(AV) IFRM IFSM IRRM TJ Tstg dv/dt 620CT 20 630CT 30 640CT 40 650CT 50 660CT 60 Unit V
3 6 6 75 1 -65 to +150 -65 to +175 10,000
A A A A C C V/ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS PER DIODE
Maximum Thermal Resistance - Junction-to-Case Maximum Thermal Resistance - Junction-to-Ambient (Note 1) RqJC RqJA 6 80 C/W C/W
ELECTRICAL CHARACTERISTICS PER DIODE
Maximum Instantaneous Forward Voltage (Note 2) iF = 3 Amps, TC = 25C iF = 3 Amps, TC = 125C iF = 6 Amps, TC = 25C iF = 6 Amps, TC = 125C Maximum Instantaneous Reverse Current (Note 2) (Rated dc Voltage, TC = 25C) (Rated dc Voltage, TC = 125C) VF 0.7 0.65 0.9 0.85 iR 0.1 15 mA V
1. Rating applies when surface mounted on the minimum pad size recommended. 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%.
http://onsemi.com
2
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
ORDERING INFORMATION Device
MBRD620CTT4 MBRD620CTT4G MBRD630CTT4 MBRD640CTT4 MBRD640CTT4G MBRD650CT MBRD650CTT4 MBRD660CT MBRD660CTG MBRD650CTRL MBRD650CTRLG MBRD660CTT4 MBRD660CTT4G
Package
DPAK DPAK (Pb-Free) DPAK-3 DPAK-3 DPAK-3 (Pb-Free) DPAK-3 DPAK-3 DPAK-3 DPAK-3 (Pb-Free) DPAK-3 DPAK-3 (Pb-Free) DPAK-3 DPAK-3 (Pb-Free)
Shipping
2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel 75 Units / Rail 2500 Tape & Reel 75 Units / Rail 75 Units / Rail 1800 Tape & Reel 1800 Tape & Reel 2500 Tape & Reel 2500 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
3
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
TYPICAL CHARACTERISTICS
100 70 50 30 20 i F, INSTANTANEOUS FORWARD CURRENT (AMPS) 100 TJ = 150C I R , REVERSE CURRENT (mA) 10 125C
1.0 75C 0.1 0.01
10 7.0 5.0 3.0 2.0 125C PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 150C 1.0 0.7 0.5 0.3 0.2 75C TC = 25C 14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0.001 0 10
25C
40 20 30 50 VR, REVERSE VOLTAGE (VOLTS)
60
70
*The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficient below rated VR.
Figure 2. Typical Reverse Current,* Per Leg
10 IPK/IAV = 20
5
SINE WAVE
dc
SQUARE WAVE
TJ = 150C
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
vF, INSTANTANEOUS VOLTAGE (VOLTS)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 1. Typical Forward Voltage, Per Leg
Figure 3. Average Power Dissipation, Per Leg
http://onsemi.com
4
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
I F(AV) , AVERAGE FORWARD CURRENT (AMPS) RATED VOLTAGE APPLIED RqJC = 6C/W TJ = 150C SINE WAVE OR SQUARE WAVE I F(AV) , AVERAGE FORWARD CURRENT (AMPS) 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 80 90 100 110 120 130 140 150 160 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 VR = 25 V dc SQUARE WAVE OR SINE WAVE TJ = 150C RqJA = 80C/W SURFACE MOUNTED ON MIN. PAD SIZE RECOMMENDED
dc
VR = 60 V
TC, CASE TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 4. Current Derating, Case, Per Leg
Figure 5. Current Derating, Ambient, Per Leg
1K
C, CAPACITANCE (pF)
100
TJ = 25C
10
0
10
20
30
40
50
60
70
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Typical Capacitance, Per Leg
http://onsemi.com
5
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
PACKAGE DIMENSIONS
DPAK CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MBRD620CT/D


▲Up To Search▲   

 
Price & Availability of MBRD660CTT4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X